PART |
Description |
Maker |
SP481ECN-L SP485EEN-L SP485ECN-L SP485EEN-L_TR SP4 |
Enhanced Low Power Half-Duplex RS-485 Transceivers
|
Exar Corporation http://
|
SP483ECP-L |
Enhanced Low EMI Half-Duplex RS-485 Transceiver
|
Exar Corporation
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
SP485CN/TR SP481CN/TR |
Low Power Half-Duplex RS-485 Transceivers
|
Sipex Corporation
|
SP483CS SP485 SP485CN SP485CS SP485EN SP485ES SP48 |
Low Power Half-Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
ADM485E ADM1487E ADM487E |
5 V, ±15 kV ESD Protected, Half Duplex RS-485/RS-422 Transceiver (2.5 Mbps) 5 V, ±15 kV ESD Protected, Half Duplex RS-485/RS-422 Transceiver (2.5 Mbps, ? Load) 5 V, ±15 kV ESD Protected, Half Duplex RS-485/RS-422 Transceiver (250 kbps, ? Load)
|
Analog Devices
|
FGP-1000 |
IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
|
Level One
|
CS6422-ISZ CDB6422 CS6422 CS6422-CS CS6422-CSZ CS6 |
Enhanced Full-Duplex Speakerphone IC
|
CIRRUS[Cirrus Logic]
|
SP491EEN-L |
Enhanced Full Duplex RS-485 Transceivers
|
Exar Corporation
|
FX579 |
Half Duplex GMSK Modem
|
CONSUMER MICROCIRCUITS LIMITED
|
MAX14840E MAX14840EASA MAX14840EATA MAX14841E MAX1 |
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
|
Maxim Integrated Products
|